Part Number Hot Search : 
74HCT540 AP9414GM SE95DP DM74A DTA115 05040 10H60 90K65P
Product Description
Full Text Search
 

To Download SRF2020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SRF2020 THRU SRF2060
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 20.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
ITO-220AB
.1 34 (3 .4) D IA .11 3 ( 3 .0 )D I A
.112 (2 .85 ) .10 0 ( 2 .5 5)
. 2 72 ( 6 .9 ) . 2 48 ( 6 .3 )
Mechanical Data
Cases: ITO-220AB molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Lead solderable per MIL-STD-750, Method 2026 guaranteed Polarity: As marked High temperature soldering guaranteed: 260OC/10 seconds .25",(6.35mm) from case. Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
. 6 06 (1 5. 5) . 5 83 (1 4. 8)
. 11 0 (2 .8 ) .09 8 ( 2 . 5 )
. 5 43 (1 3. 8) . 5 12 (1 3. 2)
e DataShe
PIN 1 PIN 3 PIN 2
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRF SRF Type Number 2020 2030 Maximum Recurrent Peak Reverse Voltage VRRM 20 30 Maximum RMS Voltage VRMS 14 21 Maximum DC Blocking Voltage VDC 20 30
Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
.com
Dimensions in inches and (millimeters)
SRF 2040
SRF 2050
SRF 2060
Units V V V A A
40 28 40 20.0 250
50 35 50
60 42 60
I(AV) IFSM VF IR RJC Cj TJ TSTG
0.55 1.0 50 1.5
0.70
V mA mA /W pF
440 300 -65 to +125 -65 to +150 -65 to +150
Notes: 1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4"x6"x0.25")
Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
.com
- 182 .com DataSheet 4 U .com
www..com
RATINGS AND CHARACTERISTIC CURVES (SRF2020 THRU SRF2060)
FIG.1- FORWARD CURRENT DERATING CURVE
20.0 300
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDGE METHOD) Tj=Tj max.
AVERAGE FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
150
16.0
250 200
SRF
202 SRF
12.0
205 0-60
150 100 50 0
0-4
8.0
0
4.0
0
0
50
100
o
1
2
5
10
20
50
100
CASE TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
t4U.com
10
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. (mA)
1.0
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=100 0C
SR
.com
.10
Tj= 75
0
F2
02
10
0-
20
40
1.0
.01
2 Tj=
5C
0
SR
F2
05
0-
C
20
60
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
.001 0 20 40 60 80 100 120 140 0.1 .2 .3 .4 .5 .6 .7 .8 .9
0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
JUNCTION CAPACITANCE.(pF)
2000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
1000 800 600 400 SRF2050-2060 200
SRF2020-2040
100 0.1
0.4
1.0
4
10
40
80100
REVERSE VOLTAGE. (V)
.com
- 183 .com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of SRF2020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X